Part Number Hot Search : 
3S132 ASM161 LM1101N5 10N65KL FSUSB 650NUX HFM101 MA300RW
Product Description
Full Text Search
 

To Download SMA5J30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMA5J5.0 thru SMA5J40CA
Vishay General Semiconductor
High Power Density Surface Mount TRANSZORB(R) Transient Voltage Suppressors
FEATURES * Low profile package * Ideal for automated placement * Glass passivated chip junction * Available in uni-directional and bi-directional * Excellent clamping capability * Very fast response time * Low incremental surge resistance * Meets MSL level 1, per J-STD-020, LF maximum peak of 260 C * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication. MECHANICAL DATA Case: DO-214AC (SMA) Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS compliant, commercial grade Base P/NHE3 - RoHS compliant, high reliability/ automotive grade (AEC Q101 qualified) Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix meets JESD 201 class 2 whisker test Polarity: For uni-directional types the band denotes cathode end, no marking on bi-directional types
DO-214AC (SMA)
PRIMARY CHARACTERISTICS
VWM PPPM IFSM (uni-directional only) TJ max. 5.0 V to 40 V 500 W 40 A 150 C
DEVICES FOR BI-DIRECTION APPLICATIONS For bi-directional devices use C or CA suffix (e.g. SMA5J40CA). Electrical characteristics apply in both directions.
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Peak pulse power dissipation with a 10/1000 s waveform (1)(2) (Fig. 1) Peak pulse current with a 10/1000 s waveform
(1)
SYMBOL PPPM IPPM IFSM TJ, TSTG
VALUE 500 See next table 40 - 55 to + 150
UNIT W A A C
Peak forward surge current 8.3 ms single half sine-wave uni-directional only (2) Operating junction and storage temperature range Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 C per Fig. 2. (2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
Document Number: 88875 Revision: 22-Oct-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
SMA5J5.0 thru SMA5J40CA
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
DEVICE MARKING CODE UNI SMA5J5.0 SMA5J5.0A SMA5J6.0 SMA5J6.0A SMA5J6.5 SMA5J6.5A SMA5J7.0 SMA5J7.0A SMA5J7.5 SMA5J7.5A SMA5J8.0 SMA5J8.0A SMA5J8.5 SMA5J8.5A SMA5J9.0 SMA5J9.0A SMA5J10 SMA5J10A SMA5J11 SMA5J11A SMA5J12 SMA5J12A SMA5J13 SMA5J13A SMA5J14 SMA5J14A SMA5J15 SMA5J15A SMA5J16 SMA5J16A SMA5J17 SMA5J17A SMA5J18 SMA5J18A SMA5J20 SMA5J20A SMA5J22 SMA5J22A SMA5J24
(5)
BREAKDOWN VOLTAGE VBR (V) (1) MIN. 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 MAX. 7.82 7.07 8.15 7.37 8.82 7.98 9.51 8.6 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6
DEVICE TYPE
BI 5AD 5AE 5AF 5AG 5AH 5AK 5AL 5AM 5AN 5AP 5AQ 5AR 5AS 5AT 5AU 5AV 5AW 5AX 5AY 5AZ 5BD 5BE 5BF 5BG 5BH 5BK 5BL 5BM 5BN 5BP 5BQ 5BR 5BS 5BT 5BU 5BV 5BW 5BX 5BY
TEST CURRENT IT (mA) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
STAND-OFF VOLTAGE VWM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24
MAXIMUM REVERSE LEAKAGE AT VWM ID (A) (3) 800 800 800 800 500 500 200 200 100 100 50 50 10 10 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM PEAK PULSE CURRENT IPPM (A) (2) 52.1 54.3 43.9 48.5 40.7 44.6 37.6 41.7 35.0 38.8 33.3 36.8 31.4 34.7 29.6 32.5 26.6 29.4 24.9 27.5 22.7 25.1 21.0 23.3 19.4 21.6 18.6 20.5 17.4 19.2 16.4 18.1 15.5 17.1 14.0 15.4 12.7 14.1 11.6
MAXIMUM CLAMPING VOLTAGE AT IPPM VC (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0
5AD 5AE 5AF 5AG 5AH 5AK 5AL 5AM 5AN 5AP 5AQ 5AR 5AS 5AT 5AU 5AV 5AW 5AX 5AY 5AZ 5BD 5BE 5BF 5BG 5BH 5BK 5BL 5BM 6BN 5BP 5BQ 5BR 5BS 5BT 5BU 5BV 5BW 5BX 5BY
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88875 Revision: 22-Oct-08
SMA5J5.0 thru SMA5J40CA
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
DEVICE MARKING CODE UNI SMA5J24A SMA5J26 SMA5J26A SMA5J28 SMA5J28A SMA5J30 SMA5J30A SMA5J33 SMA5J33A SMA5J36 SMA5J36A SMA5J40 SMA5J40A Notes: (1) Pulse test: tp 50 ms (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled (4) All terms and symbols are consistent with ANSI/IEEE C62.35 (5) For the bi-directional SMA5J5.0CA, the maximum VBR is 7.25 V (6) VF = 3.5 V at IF = 25 A (uni-directional only) 5BZ 5CD 5CE 5CF 5CG 5CH 5CK 5CL 5CM 5CN 5CP 5CQ 5CR BI 5BZ 5CD 5CE 5CF 5CG 5CH 5CK 5CL 5CM 5CN 5CP 5CQ 5CR BREAKDOWN VOLTAGE VBR (V) (1) MIN. 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 MAX. 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 TEST CURRENT IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 STAND-OFF VOLTAGE VWM (V) 24 26 26 28 28 30 30 33 33 36 36 40 40 MAXIMUM REVERSE LEAKAGE AT VWM ID (A) (3) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 MAXIMUM PEAK PULSE CURRENT IPPM (A) (2) 12.9 10.7 11.9 10.0 11.0 9.3 10.3 8.5 9.4 7.8 8.6 7.0 7.8 MAXIMUM CLAMPING VOLTAGE AT IPPM VC (V) 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5
DEVICE TYPE
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Thermal resistance, junction to ambient (1) Thermal resistance, junction to leads Note: (1) Mounted on minimum recommended pad layout SYMBOL RJA RJL VALUE 80 25 UNIT C/W C/W
ORDERING INFORMATION (Example)
PREFERRED P/N SMA5J5.0A-E3/61 SMA5J5.0A-E3/5A SMA5J5.0AHE3/61 (1) SMA5J5.0AHE3/5A (1) Note: (1) Automotive grade AEC Q101 qualified UNIT WEIGHT (g) 0.064 0.064 0.064 0.064 PREFERRED PACKAGE CODE 61 5A 61 5A BASE QUANTITY 1800 7500 1800 7500 DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel
Document Number: 88875 Revision: 22-Oct-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
SMA5J5.0 thru SMA5J40CA
Vishay General Semiconductor
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
100 10 000 Non-Repetitive Pulse Waveform shown in Fig. 3 TA = 25 C 10 Uni-Directional Bi-Directional Measured at Zero Bias 1000 TJ = 25 C f = 1.0 MHz
PPPM - Peak Pulse Power (kW)
1
CJ - Junction Capacitance (pF)
100 Measured at Stand-Off Voltage VWM 10 1 10 100 200
0.1 0.1 s
1.0 s
10 s
100 s
1.0 ms
10 ms
td - Pulse Width (s)
VWM - Reverse Stand-Off Voltage (V)
Figure 1. Peak Pulse Power Rating Curve
Figure 4. Typical Junction Capacitance
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage, %
100
100
75
Transient Thermal Impedance (C/W)
50
10
25
0 0 25 50 75 100 125 150 175 200
1 0.01
0.1
1
10
100
1000
TJ - Initial Temperature (C)
tp - Pulse Duration (s)
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
Figure 5. Typical Transient Thermal Impedance
150
IPPM - Peak Pulse Current, % IRSM
100
Peak Value IPPM
Peak Forward Surge Current (A)
tr = 10 s
TJ = 25 C Pulse Width (td) is defined as the Point where the Peak Current decays to 50 % of IPPM
200 TJ = TJ max. 8.3 ms Single Half Sine-Wave 100
Half Value - IPP IPPM 2 50 10/1000 s Waveform as defined by R.E.A. td 0 0 1.0 2.0 3.0 4.0
50
10 1 5 10 50 100
t - Time (ms)
Number of Cycles at 60 Hz
Figure 3. Pulse Waveform
Figure 6. Maximum Non-Repetitive Forward Surge Current Uni-Directional Only
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88875 Revision: 22-Oct-08
SMA5J5.0 thru SMA5J40CA
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-214AC (SMA)
Cathode Band
Mounting Pad Layout
0.066 (1.68) MIN. 0.074 (1.88) MAX.
0.065 (1.65) 0.049 (1.25)
0.110 (2.79) 0.100 (2.54)
0.177 (4.50) 0.157 (3.99) 0.012 (0.305) 0.006 (0.152)
0.060 (1.52) MIN. 0.208 (5.28) REF.
0.090 (2.29) 0.078 (1.98)
0.060 (1.52) 0.030 (0.76)
0.008 (0.203) 0 (0) 0.208 (5.28) 0.194 (4.93)
Document Number: 88875 Revision: 22-Oct-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SMA5J30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X